Electronic Components Datasheet Search
  English  ▼

X  

IRF520N Datasheet(PDF) 1 Page - International Rectifier

Part # IRF520N
Description  Power MOSFET(Vdss = 100 V, Rds(on) = 0.20 Ohm, Id= 9.7A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520N Datasheet(HTML) 1 Page - International Rectifier

  IRF520N Datasheet HTML 1Page - International Rectifier IRF520N Datasheet HTML 2Page - International Rectifier IRF520N Datasheet HTML 3Page - International Rectifier IRF520N Datasheet HTML 4Page - International Rectifier IRF520N Datasheet HTML 5Page - International Rectifier IRF520N Datasheet HTML 6Page - International Rectifier IRF520N Datasheet HTML 7Page - International Rectifier IRF520N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF520N
HEXFET® Power MOSFET
PD - 91339A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
9.7
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
6.8
A
IDM
Pulsed Drain Current

38
PD @TC = 25°C
Power Dissipation
48
W
Linear Derating Factor
0.32
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
91
mJ
IAR
Avalanche Current

5.7
A
EAR
Repetitive Avalanche Energy

4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.1
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 100V
RDS(on) = 0.20Ω
ID = 9.7A
TO-220AB
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
5/13/98


Similar Part No. - IRF520N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF520N ISC-IRF520N Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF520NL IRF-IRF520NL Datasheet
195Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF520NL KERSEMI-IRF520NL Datasheet
1Mb / 10P
Low-profile through-hole (IRF520NL)
logo
Inchange Semiconductor ...
IRF520NL ISC-IRF520NL Datasheet
300Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF520NLPBF IRF-IRF520NLPBF Datasheet
405Kb / 10P
Advamced {rpcess Technology Surface Mount
More results

Similar Description - IRF520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010NS IRF-IRF1010NS Datasheet
146Kb / 10P
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFR014 IRF-IRFR014 Datasheet
172Kb / 6P
Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRFL4310PBF IRF-IRFL4310PBF Datasheet
662Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 0.20廓 , ID = 1.6A )
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
International Rectifier
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com