Electronic Components Datasheet Search
  English  ▼

X  

IRF520NS Datasheet(PDF) 3 Page - International Rectifier

Part # IRF520NS
Description  Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520NS Datasheet(HTML) 3 Page - International Rectifier

  IRF520NS Datasheet HTML 1Page - International Rectifier IRF520NS Datasheet HTML 2Page - International Rectifier IRF520NS Datasheet HTML 3Page - International Rectifier IRF520NS Datasheet HTML 4Page - International Rectifier IRF520NS Datasheet HTML 5Page - International Rectifier IRF520NS Datasheet HTML 6Page - International Rectifier IRF520NS Datasheet HTML 7Page - International Rectifier IRF520NS Datasheet HTML 8Page - International Rectifier IRF520NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF520NS/L
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
1
10
100
0.1
1
1 0
1 0 0
V
, D rain-to-S ource V o ltage (V )
DS
VGS
TO P
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BO TTOM
4.5V
20µ s P U L S E W IDTH
T = 25 °C
C
A
4.5V
1
10
100
0.1
1
1 0
1 0 0
4.5V
V
, D rain-to-S ource V oltage (V )
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µ s P U LSE W ID T H
T = 17 5°C
C
A
1
10
100
45
67
8
9
1 0
T = 25 °C
J
GS
V
, G ate-to -S o urce V oltag e (V )
V
= 5 0V
20µs PU LSE W ID TH
DS
T = 175°C
J
A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100 120 140 160 180
J
T
, Junction T em perature (°C )
V
= 10 V
GS
A
I
= 9 .5A
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com