Electronic Components Datasheet Search
  English  ▼

X  

IRF520NS Datasheet(PDF) 2 Page - International Rectifier

Part # IRF520NS
Description  Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520NS Datasheet(HTML) 2 Page - International Rectifier

  IRF520NS Datasheet HTML 1Page - International Rectifier IRF520NS Datasheet HTML 2Page - International Rectifier IRF520NS Datasheet HTML 3Page - International Rectifier IRF520NS Datasheet HTML 4Page - International Rectifier IRF520NS Datasheet HTML 5Page - International Rectifier IRF520NS Datasheet HTML 6Page - International Rectifier IRF520NS Datasheet HTML 7Page - International Rectifier IRF520NS Datasheet HTML 8Page - International Rectifier IRF520NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF520NS/L
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.11
–––
V/°C
Reference to 25°C, ID = 1mA
…
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.20
Ω
VGS = 10V, ID = 5.7A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.7
–––
–––
S
VDS = 25V, ID = 5.7A
…
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
25
ID = 5.7A
Qgs
Gate-to-Source Charge
–––
–––
4.8
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
11
VGS = 10V, See Fig. 6 and 13
„…
td(on)
Turn-On Delay Time
–––
4.5
–––
VDD = 50V
tr
Rise Time
–––
23
–––
ID = 5.7A
td(off)
Turn-Off Delay Time
–––
32
–––
RG = 22Ω
tf
Fall Time
–––
23
–––
RD = 8.6Ω, See Fig. 10
„…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
–––
330
–––
VGS = 0V
Coss
Output Capacitance
–––
92
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
54
–––
ƒ = 1.0MHz, See Fig. 5
…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
‚ V
DD = 25V, starting TJ = 25°C, L = 4.7mH
RG = 25Ω, IAS = 5.7A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
** When mounted on FR-4 board using minimum recommended footprint.
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 5.7A, di/dt ≤ 240A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Uses IRF520N data and test conditions
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
…
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 5.7A, VGS = 0V
„
trr
Reverse Recovery Time
–––
99
150
ns
TJ = 25°C, IF = 5.7A
Qrr
Reverse RecoveryCharge
–––
390
580
nC
di/dt = 100A/µs
„…
Source-Drain Ratings and Characteristics
S
D
G
A
9.7
38
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com