Electronic Components Datasheet Search
  English  ▼

X  

SOP-8FD Datasheet(PDF) 1 Page - Torex Semiconductor

Part # SOP-8FD
Description  Reference Pattern Layout Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOP-8FD Datasheet(HTML) 1 Page - Torex Semiconductor

  SOP-8FD Datasheet HTML 1Page - Torex Semiconductor SOP-8FD Datasheet HTML 2Page - Torex Semiconductor SOP-8FD Datasheet HTML 3Page - Torex Semiconductor SOP-8FD Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
●
SOP-8FD
■Packaging Information
■
Reference Pattern Layout Dimension
Unit: mm
Packaging Information / Reference Pattern Layout Dimensions


Similar Part No. - SOP-8FD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOP-8 ETC2-SOP-8 Datasheet
597Kb / 1P
Packaging Outline
logo
Unisonic Technologies
SOP-8 UTC-SOP-8 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Shenzhen Luguang Electr...
SOP-8 LUGUANG-SOP-8 Datasheet
167Kb / 2P
Single Supply Dual Operational Amplifiers
SOP-8 LUGUANG-SOP-8 Datasheet
267Kb / 3P
Low Power Low Offset Voltage Dual Comparators
logo
Analog Microelectronics
SOP-8 AME-SOP-8 Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results

Similar Description - SOP-8FD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
QFN-24 TOREX-QFN-24 Datasheet
335Kb / 4P
Reference Pattern Layout Dimensions
SOT-23 TOREX-SOT-23 Datasheet
406Kb / 5P
Reference Pattern Layout Dimensions
SOT-25 TOREX-SOT-25 Datasheet
385Kb / 5P
Reference Pattern Layout Dimensions
SOT-89 TOREX-SOT-89 Datasheet
362Kb / 5P
Reference Pattern Layout Dimensions
TSSOP-16 TOREX-TSSOP-16 Datasheet
205Kb / 3P
Reference Pattern Layout Dimensions
USP-6B TOREX-USP-6B Datasheet
209Kb / 4P
Reference Pattern Layout Dimensions
USP-6C TOREX-USP-6C Datasheet
318Kb / 4P
Reference Pattern Layout Dimensions
USP-6EL TOREX-USP-6EL Datasheet
217Kb / 4P
Reference Pattern Layout Dimensions
USP-10B03 TOREX-USP-10B03 Datasheet
340Kb / 4P
Reference Pattern Layout Dimensions
USPN-6 TOREX-USPN-6 Datasheet
317Kb / 4P
Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com