Electronic Components Datasheet Search
  English  ▼

X  

SOP-8FD Datasheet(PDF) 3 Page - Torex Semiconductor

Part # SOP-8FD
Description  Reference Pattern Layout Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOP-8FD Datasheet(HTML) 3 Page - Torex Semiconductor

  SOP-8FD Datasheet HTML 1Page - Torex Semiconductor SOP-8FD Datasheet HTML 2Page - Torex Semiconductor SOP-8FD Datasheet HTML 3Page - Torex Semiconductor SOP-8FD Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
● SOP-8FD Power Dissipation
Power dissipation data for the SOP-8FD is shown in this page. The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
40.0
2.54
1.4
28.9
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Ambient temperature (85℃)
Board Mount (Tj max = 125℃)
P
3. Power Dissipation vs. Ambient temperature (105℃)
Board Mount (Tj max = 125℃)
Ambient
Temperature
(℃)
Power
Dissipation Pd
(mW)
Thermal
Resistance
(℃/W)
25
1500
85
600
66.67
d-Ta特性グラフ
0
200
400
600
800
1000
1200
1400
1600
25
45
65
85
105
125
Pd-Ta特性グラフ
0
200
400
600
800
000
1200
400
1600
25
45
65
85
105
125
Ambient
Temperature
(℃)
Power
Dissipation Pd
(mW)
Thermal
Resistance
(℃/W)
25
1500
105
300
66.67
1
1
周囲温度Ta(℃)
周囲温度Ta(℃)
Ambient Temperature Ta(℃)
Pd vs. Ta
Pd vs. Ta
Ambient Temperature Ta(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com