Electronic Components Datasheet Search
  English  ▼

X  

IRF5802 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5802
Description  Power MOSFET(Vdss=150V, Id=0.9A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5802 Datasheet(HTML) 1 Page - International Rectifier

  IRF5802 Datasheet HTML 1Page - International Rectifier IRF5802 Datasheet HTML 2Page - International Rectifier IRF5802 Datasheet HTML 3Page - International Rectifier IRF5802 Datasheet HTML 4Page - International Rectifier IRF5802 Datasheet HTML 5Page - International Rectifier IRF5802 Datasheet HTML 6Page - International Rectifier IRF5802 Datasheet HTML 7Page - International Rectifier IRF5802 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
1/23/01
IRF5802
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
0.9
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
0.7
A
IDM
Pulsed Drain Current

7.0
PD @TA = 25°C
Power Dissipation
„
2.0
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
†
7.1
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
PD- 94086
VDSS
RDS(on) max
ID
150V
1.2
Ω
Ω
Ω
Ω
Ω@V
GS = 10V
0.9A
TSOP-6
3
2
1
G
D
D
S
D
4
5
6
D
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
62.5
°C/W
Thermal Resistance


Similar Part No. - IRF5802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5802PBF IRF-IRF5802PBF Datasheet
140Kb / 8P
SMPS MOSFET
IRF5802PBF IRF-IRF5802PBF_10 Datasheet
210Kb / 8P
High frequency DC-DC converters
IRF5802PBF IRF-IRF5802PBF_15 Datasheet
210Kb / 8P
High frequency DC-DC converters
IRF5802TRPBF IRF-IRF5802TRPBF Datasheet
210Kb / 8P
SMPS MOSFET
logo
VBsemi Electronics Co.,...
IRF5802TRPBF VBSEMI-IRF5802TRPBF Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRF5802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF7465 IRF-IRF7465 Datasheet
106Kb / 8P
Power MOSFET(Vdss=150V, Id=1.9A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
IRFP3415 IRF-IRFP3415 Datasheet
92Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com