Electronic Components Datasheet Search
  English  ▼

X  

PDU1230 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDU1230
Description  4.8-5.8kW Single-Phase Basic PDU, 200-240V Outlets (16-C13 and 4-C19), L6-30P, 15ft Cord, 1U Rack-Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU1230 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDU1230 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU1230 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU1230 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.8/5.8kW Single-Phase Basic PDU, 200-240V
Outlets (16-C13 & 4-C19), L6-30P, 15ft Cord, 1U
Rack-Mount
MODEL NUMBER: PDU1230
Description
Tripp Lite Basic Power Distribution Units / PDU systems offer reliable rackmount power distribution for critical IT
equipment in wiring closets, server rooms and equipment racks. Supplies continuous power from any protected
UPS, generator or mains input power source. High quality design includes rugged all-metal housing and secure
rackmount installation with included mounting accessories.
Features
5.8kW 30A 208/240V single phase Basic Power Distribution Unit / PDU
1U horizontal 19 inch rackmount form factor installs in one rack space
NEMA L6-30P 30A 208/240v input plug with 15 ft. / 4.5m line cord
20 outlets (4 C19, 4 C13 front / 12 C13 rear)
Adjustable mounting brackets enable installation in 2 or 4 post racks, plus additional support for wallmount and under-counter mounting
Mounting ears are reversible for front or rear facing rackmount installation
Back-panel grounding lug
Specifications
OVERVIEW
Style
Rackmount, Vertical Rackmount, Wallmount/Under-Counter
PDU Type
Basic
OUTPUT
Output Capacity Details
4.8kW (200V), 5kW (208V), 5.3kW (220V), 5.8kW (240V); 30A maximum (agency de-rated to 24A continuous)
Highlights
Basic single phase 30A 208/240V
PDU
1U horizontal rackmount
installation
NEMA L6-30P input; 15 ft. / 4.5m
line cord
20 outlets (4 C19, 4 C13 front /
12 C13 rear)
Reversible housing; 5.2 in. / 13.2
cm depth
Applications
Multi-outlet power distribution unit
is the ideal means of powering
multiple loads in 19-inch
rackmount, wallmount and
under-counter applications, such
as internetworking, PC systems,
telecommunications, audio/video,
security, sound reinforcement
and more. Ideal for distribution of
UPS, generator or commercially
derived AC power to protected
equipment.
Package Includes
PDU1230 Power Strip
Warranty information
Instruction manual
1 / 3


Similar Part No. - PDU1230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1215 ETC2-PDU1215 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
logo
List of Unclassifed Man...
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU1220T TRIPPLITE-PDU1220T_15 Datasheet
478Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
More results

Similar Description - PDU1230

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC_15 Datasheet
480Kb / 3P
1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDUMV30HV2 TRIPPLITE-PDUMV30HV2 Datasheet
148Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (8 C19 and 40 C13), L6-30P, 10 ft. (3.05 m) Cord, 0U Vertical, TAA, 70 in.
PDUH30HV19 TRIPPLITE-PDUH30HV19 Datasheet
161Kb / 3P
5/5.8kW Single-Phase 208/240V Basic PDU, 4 C19 Outlets, NEMA L6-30P Input, 12 ft. (3.66 m) Cord, 1U Rack-Mount
PDUMH30HV TRIPPLITE-PDUMH30HV Datasheet
165Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (16 C13 & 2 C19), L6-30P, 12 ft. (3.66 m) Cord, 2U Rack-Mount, TAA
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com