Electronic Components Datasheet Search
  English  ▼

X  

PDU1230 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDU1230
Description  4.8-5.8kW Single-Phase Basic PDU, 200-240V Outlets (16-C13 and 4-C19), L6-30P, 15ft Cord, 1U Rack-Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU1230 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDU1230 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU1230 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU1230 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(16) C13; (4) C19
Output Nominal Voltage
200-240V nominal, single phase
Overload Protection
4 10A breakers protect 4 C13 outlets each; 2 15A breakers protect 1 C19 outlet each
Outlet Type
IEC-C13, IEC-C19
INPUT
PDU Input Voltage
200; 208; 220; 240
Recommended Electrical Service
30A 208/240V
Maximum Input Amps
30
Maximum Input Amps Details
30A maximum (agency de-rated to 24A continuous)
PDU Plug Type
NEMA L6-30P
Input Cord Length (ft.)
15
Input Cord Length (m)
4.57
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Switches
No power switch
PHYSICAL
Shipping Dimensions (hwd / in.)
3 x 20.25 x 11.25
Shipping Dimensions (hwd / cm)
7.6 x 51.4 x 28.6
Shipping Weight (lbs.)
8
Shipping Weight (kg)
3.6
Unit Dimensions (hwd / in.)
1.75 x 17.5 x 5.2
Unit Dimensions (hwd / cm)
4.5 x 44.5 x 13.2
Unit Weight (lbs.)
7.5
Unit Weight (kg)
3.4
Material of Construction
Metal
Form Factors Supported
1U rackmount, 0U vertical rackmount, wall-mount and undercounter installation supported
PDU Form Factor
Horizontal (1U, 2U, etc)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5 to 95% non-condensing
Operating Elevation (ft.)
0-10,000
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com