Electronic Components Datasheet Search
  English  ▼

X  

IRF5850 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF5850
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5850 Datasheet(HTML) 6 Page - International Rectifier

  IRF5850 Datasheet HTML 1Page - International Rectifier IRF5850 Datasheet HTML 2Page - International Rectifier IRF5850 Datasheet HTML 3Page - International Rectifier IRF5850 Datasheet HTML 4Page - International Rectifier IRF5850 Datasheet HTML 5Page - International Rectifier IRF5850 Datasheet HTML 6Page - International Rectifier IRF5850 Datasheet HTML 7Page - International Rectifier IRF5850 Datasheet HTML 8Page - International Rectifier IRF5850 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF5850
6
www.irf.com
Fig 12. Typical On-Resistance Vs. Drain
Current
Fig 11. Typical On-Resistance Vs. Gate
Voltage
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
2.0
3.0
4.0
5.0
6.0
7.0
-VGS, Gate -to -Source Voltage (V)
0.08
0.12
0.16
0.20
0.24
ID = -2.2A
02
46
8
10
-ID , Drain Current (A)
0.10
0.20
0.30
0.40
VGS = -2.5V
VGS = -4.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com