Electronic Components Datasheet Search
  English  ▼

X  

IRF5850 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5850
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5850 Datasheet(HTML) 1 Page - International Rectifier

  IRF5850 Datasheet HTML 1Page - International Rectifier IRF5850 Datasheet HTML 2Page - International Rectifier IRF5850 Datasheet HTML 3Page - International Rectifier IRF5850 Datasheet HTML 4Page - International Rectifier IRF5850 Datasheet HTML 5Page - International Rectifier IRF5850 Datasheet HTML 6Page - International Rectifier IRF5850 Datasheet HTML 7Page - International Rectifier IRF5850 Datasheet HTML 8Page - International Rectifier IRF5850 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-2.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-1.8
A
IDM
Pulsed Drain Current

-9.0
PD @TA = 25°C
Power Dissipation
0.96
PD @TA = 70°C
Power Dissipation
0.62
Linear Derating Factor
7.7
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
7/25/00
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
130
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRF5850
HEXFET® Power MOSFET
These P-channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
This Dual TSOP-6 package is ideal for applications where
printed circuit board space is at a premium and where
maximum
functionality is required. With two die per
package, the IRF5850 can provide the functionality of two
SOT-23 packages in a smaller footprint. Its unique thermal
design and RDS(on) reduction enables an increase in
current-handling capability.
VDSS = -20V
RDS(on) = 0.135Ω
Description
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
PD - 93947
TSOP-6
Top View


Similar Part No. - IRF5850

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
134Kb / 9P
Ultra Low On-Resistance
IRF5850PBF IRF-IRF5850PBF Datasheet
168Kb / 9P
Ultra Low On-Resistance
IRF5850TR IRF-IRF5850TR Datasheet
134Kb / 9P
Ultra Low On-Resistance
IRF5850TRPBF IRF-IRF5850TRPBF Datasheet
168Kb / 9P
Ultra Low On-Resistance
More results

Similar Description - IRF5850

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7501 IRF-IRF7501 Datasheet
143Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7521D1 IRF-IRF7521D1 Datasheet
177Kb / 8P
FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com