Electronic Components Datasheet Search
  English  ▼

X  

PRF957 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # PRF957
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

PRF957 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  PRF957_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Jul 23
3
Philips Semiconductors
Product specification
UHF wideband transistor
PRF957
LIMITING VALUES
In accordance with the Absolute Maximum Rating System IEC 134.
Note
1. Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
1.5
V
IC
DC collector current
−
100
mA
IC(AV)
average collector current
−
100
mA
Ptot
total power dissipation
Ts =60 °C; note 1
−
270
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to soldering point
Ptot = 270 mW; Ts =60 °C; note 1
425
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com