Electronic Components Datasheet Search
  English  ▼

X  

PRF957 Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # PRF957
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

PRF957 Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  PRF957_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. PRF957_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Jul 23
5
Philips Semiconductors
Product specification
UHF wideband transistor
PRF957
Fig.2 Power derating as a function of soldering
point temperature.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MGS512
150
Ts (°C)
Ptot
(mW)
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =6V.
handbook, halfpage
0
120
80
40
0
10
50
MGS513
20
30
40
IC (mA)
hFE
handbook, halfpage
04
12
0.8
0
0.6
MGS514
8
0.4
0.2
VCB (V)
Cre
(pF)
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
010
20
40
10
0
8
MGS515
30
6
4
2
IC (mA)
fT
(GHz)
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 6 V; fm = 1 GHz; Tamb =25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com