Electronic Components Datasheet Search
  English  ▼

X  

HD2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD2
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD2_15 Datasheet HTML 1Page - Renesas Technology Corp HD2_15 Datasheet HTML 2Page - Renesas Technology Corp HD2_15 Datasheet HTML 3Page - Renesas Technology Corp HD2_15 Datasheet HTML 4Page - Renesas Technology Corp HD2_15 Datasheet HTML 5Page - Renesas Technology Corp HD2_15 Datasheet HTML 6Page - Renesas Technology Corp HD2_15 Datasheet HTML 7Page - Renesas Technology Corp HD2_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
HD2 SERIES
Data Sheet D18007EJ4V0DS
HD2A3M
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0 A
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
80
−
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
200
−
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
−
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.5 A
0.35
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.3
V
Input resistance
R1
0.7
1.0
1.3
k
Ω
E-to-B resistance
R2
0.7
1.0
1.3
k
Ω
Note PW
≤ 350
μs, duty cycle ≤ 2 %
HD2F3P
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0 A
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
200
−
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
300
−
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
−
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.3 A
0.12
0.3
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.3
V
Input resistance
R1
1.54
2.2
2.86
k
Ω
E-to-B resistance
R2
7
10
13
k
Ω
Note PW
≤ 350
μs, duty cycle ≤ 2 %
HD2L3N
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 40 V, IE = 0 A
100
nA
DC current gain
hFE1
Note
VCE = 2.0 V, IC = 0.1 A
200
−
DC current gain
hFE2
Note
VCE = 2.0 V, IC = 0.5 A
300
−
DC current gain
hFE3
Note
VCE = 2.0 V, IC = 1.0 A
200
−
Low level output voltage
VOL
Note
VIN = 5.0 V, IC = 0.2 A
0.2
V
Low level input voltage
VIL
Note
VCE = 5.0 V, IC = 100
μA
0.3
V
Input resistance
R1
3.29
4.7
6.11
k
Ω
E-to-B resistance
R2
7
10
13
k
Ω
Note PW
≤ 350
μs, duty cycle ≤ 2 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com