Electronic Components Datasheet Search
  English  ▼

X  

HD2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD2
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD2_15 Datasheet HTML 1Page - Renesas Technology Corp HD2_15 Datasheet HTML 2Page - Renesas Technology Corp HD2_15 Datasheet HTML 3Page - Renesas Technology Corp HD2_15 Datasheet HTML 4Page - Renesas Technology Corp HD2_15 Datasheet HTML 5Page - Renesas Technology Corp HD2_15 Datasheet HTML 6Page - Renesas Technology Corp HD2_15 Datasheet HTML 7Page - Renesas Technology Corp HD2_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
Document No. D18007EJ4V0DS00 (4th edition)
Date Published September 2006 NS CP(K)
Printed in Japan
2006
COMPOUND TRANSISTOR
HD2 SERIES
FEATURES
• High current drives such as IC outputs and actuators available
• On-chip bias resistor
• The zener diode connected between the collector and base of the transistor
• Low power consumption during drive
HD2 SERIES LISTS
Products
Marking
R1 (k
Ω)
R2 (k
Ω)
HD2A3M
LA
1.0
1.0
HD2F3P
LB
2.2
10
HD2L3N
LC
4.7
10
HD2A4M
LD
10
10
HD2L2Q
LE
0.47
4.7
HD2F2Q
LF
0.22
2.2
HD2A4A
LY
−
10
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
±10
V
Collector to emitter voltage
VCEO
60
±10
V
Emitter to base voltage
VEBO
10
V
Collector current (DC)
IC(DC)
1.0
A
Collector current (Pulse)
IC(pulse)
Note1
2.0
A
Base current (DC)
IB(DC)
20
mA
Total power dissipation
PT
Note2
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, duty cycle ≤ 50 %
2. When 0.7 mm
× 16 cm
2 ceramic board is used
PACKAGE DRAWING (UNIT: mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com