Electronic Components Datasheet Search
  English  ▼

X  

IRF640S Datasheet(PDF) 1 Page - International Rectifier

Part # IRF640S
Description  Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF640S Datasheet(HTML) 1 Page - International Rectifier

  IRF640S Datasheet HTML 1Page - International Rectifier IRF640S Datasheet HTML 2Page - International Rectifier IRF640S Datasheet HTML 3Page - International Rectifier IRF640S Datasheet HTML 4Page - International Rectifier IRF640S Datasheet HTML 5Page - International Rectifier IRF640S Datasheet HTML 6Page - International Rectifier IRF640S Datasheet HTML 7Page - International Rectifier IRF640S Datasheet HTML 8Page - International Rectifier IRF640S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF640S/L
HEXFET® Power MOSFET
PD -90902B
S
D
G
Description
7/20/99
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
18
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
11
A
IDM
Pulsed Drain Current
…
72
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
130
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
580
mJ
IAR
Avalanche Current

18
A
EAR
Repetitive Avalanche Energy

13
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
l Surface Mount (IRF640S)
l Low-profile through-hole (IRF640L)
l Available in Tape & Reel (IRF640S)
l Dynamic dv/dt Rating
l 150°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
2
D
P ak
TO-26 2
VDSS = 200V
RDS(on) = 0.18Ω
ID = 18A
Third Generation HEXFETs from International Rectifier provide
the designer with the best combinations of fast switching ,
ruggedized device design, low on-resistance and cost-
effectiveness.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for high
current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.The through-hole version (IRF640L) is
available for low-profile applications.
www.irf.com
1


Similar Part No. - IRF640S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640S PHILIPS-IRF640S Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
Sep-1999
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
Power MOSFET
07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
Power MOSFET
18-Jan-16
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
isc N-Channel MOSFET Transistor
2023-8-23
More results

Similar Description - IRF640S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFI640G IRF-IRFI640G Datasheet
172Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRLI640G IRF-IRLI640G Datasheet
332Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.9A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com