Electronic Components Datasheet Search
  English  ▼

X  

IRF6601 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF6601
Description  DirectFET??Power MOSFET(Vdss=20V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6601 Datasheet(HTML) 8 Page - International Rectifier

  IRF6601 Datasheet HTML 1Page - International Rectifier IRF6601 Datasheet HTML 2Page - International Rectifier IRF6601 Datasheet HTML 3Page - International Rectifier IRF6601 Datasheet HTML 4Page - International Rectifier IRF6601 Datasheet HTML 5Page - International Rectifier IRF6601 Datasheet HTML 6Page - International Rectifier IRF6601 Datasheet HTML 7Page - International Rectifier IRF6601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF6601
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.03/02
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Used double sided cooling, mounting pad
… Mounted on minimum footprint full size board with metalized back and with small clip heatsink
† TC measured with thermal couple mounted to top (Drain) of part.
‚ Starting TJ = 25°C, L = 0.30mH, RG = 25W, IAS = 21A. (See Figure 14)
Notes:
DirectFET
™ Outline Dimension



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com