Electronic Components Datasheet Search
  English  ▼

X  

IRF6601 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6601
Description  DirectFET??Power MOSFET(Vdss=20V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6601 Datasheet(HTML) 1 Page - International Rectifier

  IRF6601 Datasheet HTML 1Page - International Rectifier IRF6601 Datasheet HTML 2Page - International Rectifier IRF6601 Datasheet HTML 3Page - International Rectifier IRF6601 Datasheet HTML 4Page - International Rectifier IRF6601 Datasheet HTML 5Page - International Rectifier IRF6601 Datasheet HTML 6Page - International Rectifier IRF6601 Datasheet HTML 7Page - International Rectifier IRF6601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
ƒ
–––
35
RθJA
Junction-to-Ambient
„
–––
12.5
RθJA
Junction-to-Ambient
…
–––
20
°C/W
RθJC
Junction-to-Case
†
–––
3.0
RθJ-PCB
Junction-to-PCB mounted
–––
1.0
DirectFETTM Power MOSFET
IRF6601
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
85
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
26
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

200
PD @TA = 25°C
Power Dissipation
3.6
PD @TA = 70°C
Power Dissipation
2.3
PD @TC = 25°C
Power Dissipation
42
Linear Derating Factor
28
mW/°C
VGS
Gate-to-Source Voltage
±20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
www.irf.com
1
The IRF6601 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging
to achieve the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase,
infra-red or convection soldering techniques. The DirectFET package allows dual sided cooling to maximize thermal transfer
in power systems, IMPROVING previous best thermal resistance by 80%.
The IRF6601 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction
and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the
latest generation of processors operating at higher frequencies. The IRF6601 has been optimized for parameters that are
critical in synchronous buck converters including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6601
offers particularly low Rds(on) and high Cdv/dt immunity for synchronous FET applications.
Description
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l Low Switching Losses
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Compatible with exisiting Surface Mount
Techniques
DirectFET
™ ISOMETRIC
Thermal Resistance
3/25/02
VDSS
RDS(on) max
ID
20V
3.8m
Ω@VGS = 10V
26A
5.0m
Ω@VGS = 4.5V
21A
PD - 94366C


Similar Part No. - IRF6601

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6602 IRF-IRF6602 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
IRF6602TR1 IRF-IRF6602TR1 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
IRF6603 IRF-IRF6603 Datasheet
201Kb / 11P
HEXFETPower MOSFET
More results

Similar Description - IRF6601

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
Power MOSFET(Vdss=20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
Power MOSFET(Vdss=-20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
Power MOSFET(Vdss=-20V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com