Electronic Components Datasheet Search
  English  ▼

X  

IRF7401 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7401
Description  Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7401 Datasheet(HTML) 3 Page - International Rectifier

  IRF7401 Datasheet HTML 1Page - International Rectifier IRF7401 Datasheet HTML 2Page - International Rectifier IRF7401 Datasheet HTML 3Page - International Rectifier IRF7401 Datasheet HTML 4Page - International Rectifier IRF7401 Datasheet HTML 5Page - International Rectifier IRF7401 Datasheet HTML 6Page - International Rectifier IRF7401 Datasheet HTML 7Page - International Rectifier IRF7401 Datasheet HTML 8Page - International Rectifier IRF7401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7401
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1
10
100
1000
0.1
1
10
100
V
, D ra in -to -S o urc e V o lta g e (V )
DS
20 µ s PU LS E W ID TH
T
= 2 5°C
A
VGS
TO P
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOT TOM
1.5V
1.5V
A
1
10
100
1000
0.1
1
1 0
1 0 0
V
, D rain-to-S ourc e V oltage (V )
DS
A
VGS
TO P
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOT TOM 1.5V
1.5V
20 µ s PU LS E W ID T H
T = 1 50 °C
J
1
10
100
1000
1.5
2 .0
2.5
3.0
3.5
4 .0
4.5
5.0
T = 2 5°C
T = 1 50 °C
J
J
GS
V
, G ate-to -S o urce V o ltag e (V )
A
V
= 1 5 V
20µs PULSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
2 0
4 0
6 0
8 0
100 120 140 160
J
T
, Junction T em perature (°C )
A
V
= 4.5V
GS
I
= 6.9A
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com