Electronic Components Datasheet Search
  English  ▼

X  

IRF7401 Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7401
Description  Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7401 Datasheet(HTML) 9 Page - International Rectifier

  IRF7401 Datasheet HTML 1Page - International Rectifier IRF7401 Datasheet HTML 2Page - International Rectifier IRF7401 Datasheet HTML 3Page - International Rectifier IRF7401 Datasheet HTML 4Page - International Rectifier IRF7401 Datasheet HTML 5Page - International Rectifier IRF7401 Datasheet HTML 6Page - International Rectifier IRF7401 Datasheet HTML 7Page - International Rectifier IRF7401 Datasheet HTML 8Page - International Rectifier IRF7401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7401
Tape & Reel Information
SO-8
Dimensions are shown in millimeters (inches)
4.10 (.161)
3.90 (.154)
1.60 (.0 62 )
1.50 (.0 59 )
1.85 (.07 2)
1.65 (.06 5)
5.30 (.208)
5.10 (.201)
5.55 ( .218)
5.45 ( .215)
2.60 (.102)
1.50 (.059)
6.50 (.25 5)
6.30 (.24 8)
8.10 (.3 18 )
7.90 (.3 11 )
F E E D DIRE CT IO N
TE R M IN AT IO N
N U M B E R
1
2.05 (.080)
1.95 (.077)
0 .35 (.01 3)
0 .25 (.01 0)
12.30 (.484)
11.70 (.461)
2. 20 ( .0 8 6)
2. 00 ( .0 7 9)
15.40 (.60 7)
11.90 (.46 9)
2
50.0 0
(1.9 69 )
M IN .
18 .4 0 ( .7 24 )
M A X
3
14. 40 ( .566)
12. 40 ( .448)
3
33 0. 00
( 13 .00 0)
M A X .
13 .2 0 ( .51 9)
12 .8 0 ( .50 4)
NO T ES:
1
C O N FO R M S T O E IA -48 1- 1
2
IN C LU D E S F LA N GE D IS T OR TION @ O U T E R E D GE
3
DIM E NS IO NS M E A S URE D @ H U B
4
CO NTRO LL IN G D IM E NS IO N : M E T R IC
1
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com