Electronic Components Datasheet Search
  English  ▼

X  

IRF7555 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7555
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7555 Datasheet(HTML) 7 Page - International Rectifier

  IRF7555 Datasheet HTML 1Page - International Rectifier IRF7555 Datasheet HTML 2Page - International Rectifier IRF7555 Datasheet HTML 3Page - International Rectifier IRF7555 Datasheet HTML 4Page - International Rectifier IRF7555 Datasheet HTML 5Page - International Rectifier IRF7555 Datasheet HTML 6Page - International Rectifier IRF7555 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRF7555
www.irf.com
7
Tape & Reel Information
Micro8
™
™
™
™
™
Dimensions are shown in millimeters (inches)
33 0.0 0
(1 2 .992 )
M AX.
14 .40 ( .566 )
12 .40 ( .488 )
NO T ES :
1 . CO N T RO L L IN G DIM E NS IO N : M IL L IM E T E R .
2. O U TL IN E C O N F O R M S T O E IA -481 & E IA -541.
F E E D D IRE CT IO N
T E R M IN AL NU M BER 1
1 2 .3 ( .4 84 )
1 1 .7 ( .4 61 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
N O T ES:
1 . O U TL IN E C O N F O R M S T O E IA -48 1 & E IA -54 1.
2. CO NTRO LL IN G DIM E NS IO N : M ILL IM E T E R .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252 7105
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice.
2/2000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com