Electronic Components Datasheet Search
  English  ▼

X  

IRF7603 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7603
Description  Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7603 Datasheet(HTML) 1 Page - International Rectifier

  IRF7603 Datasheet HTML 1Page - International Rectifier IRF7603 Datasheet HTML 2Page - International Rectifier IRF7603 Datasheet HTML 3Page - International Rectifier IRF7603 Datasheet HTML 4Page - International Rectifier IRF7603 Datasheet HTML 5Page - International Rectifier IRF7603 Datasheet HTML 6Page - International Rectifier IRF7603 Datasheet HTML 7Page - International Rectifier IRF7603 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7603
PD - 9.1262D
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The new Micro8 package, with half the footprint area of the
standard SO-8, provides the smallest footprint available in
an SOIC outline. This makes the Micro8 an ideal device for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro8 will allow
it to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards.
l Generation V Technology
l Ultra Low On-Resistance
l N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
Top V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS = 30V
RDS(on) = 0.035Ω
HEXFET® Power MOSFET
Description
Micro8
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.5
A
IDM
Pulsed Drain Current

30
PD @TA = 25°C
Power Dissipation
1.8
W
Linear Derating Factor
14
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
8/25/97
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
70
°C/W
Thermal Resistance
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .


Similar Part No. - IRF7603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7603PBF IRF-IRF7603PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRF7603

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7601 IRF-IRF7601 Datasheet
116Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com