Electronic Components Datasheet Search
  English  ▼

X  

IRF7702 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7702
Description  Power MOSFET(Vdss=-12V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7702 Datasheet(HTML) 6 Page - International Rectifier

  IRF7702 Datasheet HTML 1Page - International Rectifier IRF7702 Datasheet HTML 2Page - International Rectifier IRF7702 Datasheet HTML 3Page - International Rectifier IRF7702 Datasheet HTML 4Page - International Rectifier IRF7702 Datasheet HTML 5Page - International Rectifier IRF7702 Datasheet HTML 6Page - International Rectifier IRF7702 Datasheet HTML 7Page - International Rectifier IRF7702 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7702
6
www.irf.com
PROVISIONAL
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 14. Typical On-Resistance Vs. Gate
Voltage
Fig 12. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-4.5V
-8.0A
1.5
2.5
3.5
-VGS, Gate -to -Source Voltage (V)
0.010
0.015
0.020
ID = -8.0A
0
20
406080
100
-ID , Drain Current (A)
0.00
0.04
0.08
0.12
0.16
0.20
VGS = -2.5V
VGS = -4.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com