Electronic Components Datasheet Search
  English  ▼

X  

UPD16435 Datasheet(PDF) 19 Page - NEC

Part # UPD16435
Description  DOT MATRIX LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16435 Datasheet(HTML) 19 Page - NEC

Back Button UPD16435 Datasheet HTML 15Page - NEC UPD16435 Datasheet HTML 16Page - NEC UPD16435 Datasheet HTML 17Page - NEC UPD16435 Datasheet HTML 18Page - NEC UPD16435 Datasheet HTML 19Page - NEC UPD16435 Datasheet HTML 20Page - NEC UPD16435 Datasheet HTML 21Page - NEC UPD16435 Datasheet HTML 22Page - NEC UPD16435 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
µPD16435, 16435A
Symbol
VIH1
VIL1
VIH2
VIL2
VH
IIH1
IIH1
IIH2
IIL2
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
ILOH
ILOL
RCOM
RSEG
VDD1
VDD2
MIN.
TYP.
MAX.
Unit
0.7VCC
V
0.3VCC
V
0.8VCC
V
0.2VCC
V
0.05VCC
0.2VCC
V
1
µA
–1
µA
6mA
–100
µA
0.9VCC
V
0.1VCC
V
0.9VCC
V
0.1VCC
V
0.9VCC
V
0.1VDD
V
10
µA
–10
µA
5k
Ω
10
k
Ω
1.9VCC
2.0VCC
V
3.6VCC
4.0VCC
V
ELECTRICAL SPECIFICATIONS (Unless specified otherwise, TA = –40 to +85 ˚C, C0 to C3 = 1
µF, Vcc =
5 V
±10% : 3/5 = L or Vcc = 2.7 V to 3.6 V : 3/5 = H)
Test Conditions
Except Schmitt inputs
Except Schmitt inputs
Schmitt inputs
Schmitt inputs
Schmitt inputs
CS, RS, RD, WR, WS, RESET, 3/5,
OSC3, VIN(+), VIN(–), VIN = VCC
CS, RS, RD, WR, WS, RESET, 3/5,
OSC3, VIN(+), VIN(–), VIN = 0 V
TEST1, TEST2, VIN = VCC
TEST1, TEST2, VIN = 0 V
Dn, SCR, 3/5 = L
IOH = –1 mA
Dn, BUSY, SCR, SYNC, 3/5 = L
IOL = 4 mA
Dn, SCK, 3/5 = H
IOH = –0.6 mA
Dn, BUSY, SCR, SYNC, 3/5 = H
IOL = 2.4 mA
V1 pin
IOH = –1 mA
VIN(+) = VDD, VIN(–) = 0 V
V1 pin
IOL = –10
µA
VIN(+) = 0 V, VIN(–) = VDD
Dn, SYNC, BUSY
VIN/OUT = VCC
Dn, SYNC, BUSY
VIN/OUT = 0 V
COM1 to COM73
|IO| = 100
µA
SEG1 to SEG119
|IO| = 100
µA
RB = 10 k
Ω
3/5 = L
RB = 10 k
Ω
3/5 = H
Parameter
Input voltage high
Input voltage low
Input voltage high
Input voltage low
Hysteresis voltage
Input current high
Input current low
Input current high
Input current low
Output voltage high
Output voltage low
Output voltage high
Output voltage low
Output voltage high
Output voltage low
Leak current high
Leak current low
Common output
on-resistance
Segment output
on-resistance
Driver unit supply voltage
(step-up voltage)
Driver unit supply voltage
(step-up voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com