Electronic Components Datasheet Search
  English  ▼

X  

UPD16435 Datasheet(PDF) 21 Page - NEC

Part # UPD16435
Description  DOT MATRIX LCD CONTROLLER/DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16435 Datasheet(HTML) 21 Page - NEC

Back Button UPD16435 Datasheet HTML 17Page - NEC UPD16435 Datasheet HTML 18Page - NEC UPD16435 Datasheet HTML 19Page - NEC UPD16435 Datasheet HTML 20Page - NEC UPD16435 Datasheet HTML 21Page - NEC UPD16435 Datasheet HTML 22Page - NEC UPD16435 Datasheet HTML 23Page - NEC UPD16435 Datasheet HTML 24Page - NEC UPD16435 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
µPD16435, 16435A
NOTE MEASUREMENT CIRCUIT
MIN.
TYP.
MAX.
Unit
150
ns
10
ns
3
9
CLKNote
48
54
CLKNote
100
550
µs
SWITCHING SPECIFICATIONS (Unless specified otherwise, TA = –40 to +85 ˚C, C0 to C3 = 1
µF, Vcc =
5 V
±10%, RL = 5 kΩ, CL = 150 pF)
Test Conditions
RD
↓ → Dn
RD
↑ → Dn
When full-dot data is written
When charactor data is written
Symbol
tRDD
tRDH
tBL
tBL
tSCR
Note CLK = 4/fOSC
Parameter
RD data delay time
RD data hold time
BUSY low-level time
BUSY low-level time
SCR high-level time
RB
V1
VCC
V2
V3
V4
V5
RB
RB
RB
RB
+
–
VIN-
VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com