Electronic Components Datasheet Search
  English  ▼

X  

XC2402 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC2402
Description  UHF Band Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2402 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC2402 Datasheet HTML 9Page - Torex Semiconductor XC2402 Datasheet HTML 10Page - Torex Semiconductor XC2402 Datasheet HTML 11Page - Torex Semiconductor XC2402 Datasheet HTML 12Page - Torex Semiconductor XC2402 Datasheet HTML 13Page - Torex Semiconductor XC2402 Datasheet HTML 14Page - Torex Semiconductor XC2402 Datasheet HTML 15Page - Torex Semiconductor XC2402 Datasheet HTML 16Page - Torex Semiconductor XC2402 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
XC2402KT69UR-G
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
○
High Gain Mode
(13) SW"L"レベル電圧 -周囲温度特性例
(14) 挿入電力利得 - 周囲温度特性例
(15) 入力側リターンロス - 周囲温度特性例
(16)  出力側リターンロス - 周囲温度特性例
(17 ) アイソレーション - 周囲温度特性例
(18) 雑音指数 - 周囲温度特性例
XC2402KT69
-15
-13
-11
-9
-7
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDD=VSW=1.2V, f=620MHz
XC2402KT69
14
15
16
17
18
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDD=VSW=1.2V, f=620MHz
XC2402KT69
-26
-24
-22
-20
-18
-16
-14
-12
-10
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDD=VSW=1.2V, f=620MHz
XC2402KT69
0.5
1.0
1.5
2.0
2.5
-50-25
0
25
50
75100
Ambient Temperature:Ta(℃)
VDD=VSW=1.2V, f=620MHz
XC2402KT69
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
Ambient Temperature : Ta(℃)
VDD=1.2V
XC2402KT69
-32
-30
-28
-26
-24
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VDD=VSW=1.2V, f=620MHz
(13) SW “L” Level Voltage vs. Ambient Temperature
(14) Power Gain vs. Ambient Temperature
(15) Input Return Loss vs. Ambient Temperature
(16) Output Return Loss vs. Ambient Temperature
(17) Isolation vs. Ambient Temperature
(18) Noise Figure vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com