Electronic Components Datasheet Search
  English  ▼

X  

XC2402 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC2402
Description  UHF Band Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2402 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC2402 Datasheet HTML 15Page - Torex Semiconductor XC2402 Datasheet HTML 16Page - Torex Semiconductor XC2402 Datasheet HTML 17Page - Torex Semiconductor XC2402 Datasheet HTML 18Page - Torex Semiconductor XC2402 Datasheet HTML 19Page - Torex Semiconductor XC2402 Datasheet HTML 20Page - Torex Semiconductor XC2402 Datasheet HTML 21Page - Torex Semiconductor XC2402 Datasheet HTML 22Page - Torex Semiconductor XC2402 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
XC2402KT69UR-G
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
○
Low Gain Mode
(48) 出力側リターンロス - 周波数特性例
(49) アイソレーション - 周波数特性例
(50) 雑音指数 - 周波数特性例
(51) 挿入電力利得-入力電力特性例
(52) 出力電力/IM3 - 入力電力特性例
(53) 入力側リターンロス -周波数特性例 (スミス図)
f=470MHz
f=620MHz
f=880MHz
V
DD=1.2V, VSW=0V, Ta=25℃
f=400MHz~900MHz
XC2402KT69
XC2402KT69
-5
-4
-3
-2
-1
0
400
500
600
700
800
900
Frequency:f(GHz)
Ta=-40℃
Ta=25℃
Ta=85℃
VDD=1.2V, VSW=0V
XC2402KT69
-20
-15
-10
-5
400
500
600
700
800
900
Frequency:f(MHz)
Ta=-50℃
Ta=25℃
Ta=85℃
VDD=1.2V, VSW=0V
XC2402KT69
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
10
Input Pow er: P
IN(dBm)
Ta=-40℃
Ta=25℃
Ta=85℃
VDD=1.2V, VSW=0V
XC2402KT69
0
0.5
1
1.5
2
2.5
3
3.5
4
400
500
600
700
800
900
Frequency:f(GHz)
Ta=-40℃
Ta=25℃
Ta=85℃
VDD=1.2V, VSW=0V
XC2402KT69
-90
-75
-60
-45
-30
-15
0
15
30
-40
-30
-20
-10
0
10
Input Pow er: P
IN (dBm)
0
15
30
45
60
75
90
105
120
VDD=1.2V, VSW=0V
Ta=25℃,f=620MHz+621MHz
Undesire
Desire
IM3
(52) Output Power / IM3 vs. Input Power
(53) Input Return Loss vs. Frequency (Smith Chart)
(50) Noise Figure vs. Frequency
(51) Power Gain vs. Input Power
(48) Output Return Loss vs. Frequency
(49) Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com