Electronic Components Datasheet Search
  English  ▼

X  

IRF7750 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7750
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7750 Datasheet(HTML) 4 Page - International Rectifier

  IRF7750 Datasheet HTML 1Page - International Rectifier IRF7750 Datasheet HTML 2Page - International Rectifier IRF7750 Datasheet HTML 3Page - International Rectifier IRF7750 Datasheet HTML 4Page - International Rectifier IRF7750 Datasheet HTML 5Page - International Rectifier IRF7750 Datasheet HTML 6Page - International Rectifier IRF7750 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7750
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Threshold Voltage Vs. Temperature
1
10
100
0
500
1000
1500
2000
2500
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Crss
Coss
Ciss
0
10
20
30
40
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
I =
D
-4.7A
V
= -16V
DS
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
0.20
0.40
0.60
0.80
1.00
ID = -250µA
0.1
1
10
100
1000
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com