Electronic Components Datasheet Search
  English  ▼

X  

IRF7750 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7750
Description  Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7750 Datasheet(HTML) 1 Page - International Rectifier

  IRF7750 Datasheet HTML 1Page - International Rectifier IRF7750 Datasheet HTML 2Page - International Rectifier IRF7750 Datasheet HTML 3Page - International Rectifier IRF7750 Datasheet HTML 4Page - International Rectifier IRF7750 Datasheet HTML 5Page - International Rectifier IRF7750 Datasheet HTML 6Page - International Rectifier IRF7750 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
HEXFET® power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined with the ruggedized device design, that International Rectifier
is well known for,
provides the designer with an extremely efficient and reliable device for battery and load
management.
The TSSOP-8 package has 45% less footprint area than the standard SO-8. This makes the TSSOP-8 an ideal device
for applications where printed circuit board space is at a premium. The low profile (<1.1mm) allows it to fit easily into
extremely thin environments such as portable electronics and PCMCIA cards.
VDSS = -20V
RDS(on) = 0.030Ω
IRF7750
Description
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Very Small SOIC Package
l Low Profile ( < 1.1mm)
l Available in Tape & Reel
TSSOP-8
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ -4.5V
±4.7
ID @ TC = 70°C
Continuous Drain Current, VGS @ -4.5V
±3.8
A
IDM
Pulsed Drain Current

±38
PD @TC = 25°C
Power Dissipation
1.0
PD @TC = 70°C
Power Dissipation
0.64
Linear Derating Factor
0.008
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
125
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
5/25/2000
PD - 93848A


Similar Part No. - IRF7750

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRF7750PBF IRF-IRF7750PBF Datasheet
231Kb / 8P
Ultra Low On-Resistance
IRF7750TRPBF IRF-IRF7750TRPBF Datasheet
231Kb / 8P
Ultra Low On-Resistance
More results

Similar Description - IRF7750

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com