Electronic Components Datasheet Search
  English  ▼

X  

IRF7757 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7757
Description  Power MOSFET(Vdss=20V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7757 Datasheet(HTML) 4 Page - International Rectifier

  IRF7757 Datasheet HTML 1Page - International Rectifier IRF7757 Datasheet HTML 2Page - International Rectifier IRF7757 Datasheet HTML 3Page - International Rectifier IRF7757 Datasheet HTML 4Page - International Rectifier IRF7757 Datasheet HTML 5Page - International Rectifier IRF7757 Datasheet HTML 6Page - International Rectifier IRF7757 Datasheet HTML 7Page - International Rectifier IRF7757 Datasheet HTML 8Page - International Rectifier IRF7757 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7757
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
1
10
100
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
0
4
8
12
16
20
0
1
2
3
4
5
Q , Total Gate Charge (nC)
G

I =
D
4.8A

V
= 10V
DS
V
= 16V
DS
0.1
0.5
0.9
1.2
1.6
2.0
VSD, Source-toDrain Voltage (V)
0.10
1.00
10.00
100.00
TJ = 25°C
TJ = 150°C
VGS = 0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com