Electronic Components Datasheet Search
  English  ▼

X  

IRF7757 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7757
Description  Power MOSFET(Vdss=20V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7757 Datasheet(HTML) 1 Page - International Rectifier

  IRF7757 Datasheet HTML 1Page - International Rectifier IRF7757 Datasheet HTML 2Page - International Rectifier IRF7757 Datasheet HTML 3Page - International Rectifier IRF7757 Datasheet HTML 4Page - International Rectifier IRF7757 Datasheet HTML 5Page - International Rectifier IRF7757 Datasheet HTML 6Page - International Rectifier IRF7757 Datasheet HTML 7Page - International Rectifier IRF7757 Datasheet HTML 8Page - International Rectifier IRF7757 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
4.8
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
3.9
A
IDM
Pulsed Drain Current

19
PD @TA = 25°C
Power Dissipation
ƒ
1.2
PD @TA = 70°C
Power Dissipation
ƒ
0.76
Linear Derating Factor
9.5
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
05/03/01
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
105
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRF7757
HEXFET® Power MOSFET
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
20V
35@VGS = 4.5V
4.8A
40@VGS = 2.5V
3.8A
TSSOP-8
Description
l Ultra Low On-Resistance
l Dual N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.2mm)
l Available in Tape & Reel
l Common Drain Configuration
HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Inter-
national Rectifier is well known for,
provides the de-
signer with an extremely efficient and reliable device
for battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.2mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.
8 = D
7 = D
6 = D
5 = D
1 = S1
2 = G1
3 = S2
4 = G2
4
3
2
1
5
6
7
8
PD - 94174


Similar Part No. - IRF7757

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF7757 INFINEON-IRF7757 Datasheet
132Kb / 9P
HEXFET® Power MOSFET
05/03/01
logo
International Rectifier
IRF7757GPBF IRF-IRF7757GPBF Datasheet
244Kb / 9P
HEXFETPower MOSFET Ultra Low On-Resistance
IRF7757PBF IRF-IRF7757PBF Datasheet
156Kb / 9P
Ultra Low On-Resistance
logo
Infineon Technologies A...
IRF7757TRPBF INFINEON-IRF7757TRPBF Datasheet
132Kb / 9P
HEXFET® Power MOSFET
05/03/01
More results

Similar Description - IRF7757

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
Power MOSFET(Vdss=20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
Power MOSFET(Vdss=-20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
Power MOSFET(Vdss=-20V)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com