Electronic Components Datasheet Search
  English  ▼

X  

IRF7807 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7807
Description  Chip-Set for DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7807 Datasheet(HTML) 1 Page - International Rectifier

  IRF7807 Datasheet HTML 1Page - International Rectifier IRF7807 Datasheet HTML 2Page - International Rectifier IRF7807 Datasheet HTML 3Page - International Rectifier IRF7807 Datasheet HTML 4Page - International Rectifier IRF7807 Datasheet HTML 5Page - International Rectifier IRF7807 Datasheet HTML 6Page - International Rectifier IRF7807 Datasheet HTML 7Page - International Rectifier IRF7807 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Symbol
IRF7807
IRF7807A
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±12
Continuous Drain or Source
25°C
I
D
8.3
8.3
A
Current (V
GS ≥ 4.5V)
70°C
6.6
6.6
Pulsed Drain Current

I
DM
66
66
Power Dissipation
25°C
P
D
2.5
W
70°C
1.6
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)

I
S
2.5
2.5
A
Pulsed source Current
I
SM
66
66
• N Channel Application Specific MOSFETs
• Ideal for Mobile DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
Description
These new devices employ advanced HEXFET Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The
reduced conduction and switching losses make them
ideal for high efficiency DC-DC Converters that power
the latest generation of mobile microprocessors.
A pair of IRF7807 devices provides the best cost/
performance solution for system voltages, such as 3.3V
and 5V.
HEXFET® Chip-Set for DC-DC Converters
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
Rθ
JA
50
°C/W
Thermal Resistance
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
IRF7807/IRF7807A
www.irf.com
1
10/10/00
SO-8
IRF7807 IRF7807A
Vds
30V
30V
Rds(on)
25m
Ω
25m
Ω
Qg
17nC
17nC
Qsw
5.2nC
Qoss
16.8nC
16.8nC
Device Features
PD – 91747C


Similar Part No. - IRF7807

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7807 UMW-IRF7807 Datasheet
382Kb / 8P
Control FET for Notebook Processor Power
logo
EVER SEMICONDUCTOR CO.,...
IRF7807 EVVOSEMI-IRF7807 Datasheet
347Kb / 8P
MOSFET
Rev:2023A2
logo
Texas Instruments
IRF7807 TI2-IRF7807 Datasheet
803Kb / 18P
LM2655 2.5A High Efficiency Synchronous Switching Regulator
April 2005
logo
International Rectifier
IRF7807APBF IRF-IRF7807APBF Datasheet
203Kb / 8P
HEXFET짰 Chip-Set for DC-DC Converters
logo
VBsemi Electronics Co.,...
IRF7807ATRPBF VBSEMI-IRF7807ATRPBF Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - IRF7807

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805 IRF-IRF7805 Datasheet
236Kb / 8P
Chip-Set for DC-DC Converters
IRF7809A IRF-IRF7809A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
Power MOSFET for DC-DC Converters
IRLR8503 IRF-IRLR8503 Datasheet
101Kb / 8P
HEXFET MOSFET for DC-DC Converters
IRF7807PBF IRF-IRF7807PBF Datasheet
203Kb / 8P
HEXFET짰 Chip-Set for DC-DC Converters
IRF7805PBF IRF-IRF7805PBF Datasheet
225Kb / 5P
HEXFET짰 Chip-Set for DC-DC Converters
IRF7807TRPBF IRF-IRF7807TRPBF Datasheet
208Kb / 8P
HEXFET짰 Chip-Set for DC-DC Converters
logo
Infineon Technologies A...
IPB015N08N5 INFINEON-IPB015N08N5 Datasheet
1Mb / 12P
Optimized technology for DC/DC converters
Rev.2.1,2015-10-15
IRF7805PBF-1 INFINEON-IRF7805PBF-1 Datasheet
338Kb / 6P
HEXFET짰 Chip-Set for DC-DC Converters
2016-08-23
IRF7805PBF INFINEON-IRF7805PBF Datasheet
336Kb / 6P
HEXFET짰 Chip-Set for DC-DC Converters
2016-8-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com