Electronic Components Datasheet Search
  English  ▼

X  

IRF7822 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7822
Description  Power MOSFET for DC-DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7822 Datasheet(HTML) 3 Page - International Rectifier

  IRF7822 Datasheet HTML 1Page - International Rectifier IRF7822 Datasheet HTML 2Page - International Rectifier IRF7822 Datasheet HTML 3Page - International Rectifier IRF7822 Datasheet HTML 4Page - International Rectifier IRF7822 Datasheet HTML 5Page - International Rectifier IRF7822 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRF7822
www.irf.com
3
Fig 1. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 3. On-Resistance Vs. Gate Voltage
Fig 4. Typical Capacitance Vs.
Drain-to-Source Voltage
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°


V
=
I =
GS
D
4.5V
15A
3.0
4.0
5.0
6.0
7.0
VGS, Gate -to -Source Voltage (V)
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
ID = 15A
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
10
20
30
40
50
0
1
2
4
5
6
Q , Total Gate Charge (nC)
G

I
=
D
15A

V
= 24V
DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com