Electronic Components Datasheet Search
  English  ▼

X  

IRF7822 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7822
Description  Power MOSFET for DC-DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7822 Datasheet(HTML) 4 Page - International Rectifier

  IRF7822 Datasheet HTML 1Page - International Rectifier IRF7822 Datasheet HTML 2Page - International Rectifier IRF7822 Datasheet HTML 3Page - International Rectifier IRF7822 Datasheet HTML 4Page - International Rectifier IRF7822 Datasheet HTML 5Page - International Rectifier IRF7822 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRF7822
4
www.irf.com
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 6. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
0.2
0.5
0.7
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 150 C
J
°

T = 25 C
J
°
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
1.00
10.00
100.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100

Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com