Electronic Components Datasheet Search
  English  ▼

X  

UPD16520 Datasheet(PDF) 1 Page - NEC

Part # UPD16520
Description  VERTICAL DRIVER FOR CCD SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16520 Datasheet(HTML) 1 Page - NEC

  UPD16520 Datasheet HTML 1Page - NEC UPD16520 Datasheet HTML 2Page - NEC UPD16520 Datasheet HTML 3Page - NEC UPD16520 Datasheet HTML 4Page - NEC UPD16520 Datasheet HTML 5Page - NEC UPD16520 Datasheet HTML 6Page - NEC UPD16520 Datasheet HTML 7Page - NEC UPD16520 Datasheet HTML 8Page - NEC UPD16520 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD16520
VERTICAL DRIVER FOR CCD SENSORS
Document No. S14201EJ1V0DS00 (1st edition)
Date Published May 1999 N CP(K)
Printed in Japan
©
1999
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The
µPD16520 is a vertical driver for CCD image sensors that has a level conversion circuit and a 3-level output
function. Since it incorporates a CCD vertical register driver equivalent to the
µPD16510 (10 channels, consisting of
six 3-level channels and four 2-level channels) and a VOD shutter driver (1 channel), it is ideal as a vertical driver for
multiple-electrode high-pixel CCD transfer type area image sensors employed in digital still cameras.
The
µPD16520 uses a CMOS process to achieve optimum transmission delay characteristics for vertical driving of
CCD image sensors, as well as output on-state resistance characteristics. The
µPD16520 also supports low-voltage
logic (logic supply voltage: 2.0 to 5.5 V).
FEATURES
• CCD vertical register driver: 10 channels (3-level: 6 channels, 2-level: 4 channels)
• VOD shutter driver: 1 channel
• High withstand voltage: 33 V Max.
• Low-output on-state resistance: 30 Ω TYP.
• Low-voltage input supported (Logic supply voltage: 2.0 to 5.5 V)
• Latch-up free
• Same drive capacity as
µPD16510
• Small package: 38-pin plastic shrink SOP (300 mil)
APPLICATIONS
Digital still cameras, digital video cameras, etc.
ORDERING INFORMATION
Part Number
Package
µPD16520GS-BGG
38-pin plastic shrink SOP (300 mil)


Similar Part No. - UPD16520

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16520 NEC-UPD16520 Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Renesas Technology Corp
UPD16520 RENESAS-UPD16520 Datasheet
318Kb / 22P
MOS INTEGRATED CIRCUIT
2003
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
UPD16520AFH-2Q1 NEC-UPD16520AFH-2Q1 Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Renesas Technology Corp
UPD16520AFH-2Q1 RENESAS-UPD16520AFH-2Q1 Datasheet
318Kb / 22P
MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD16520

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16510 NEC-UPD16510 Datasheet
71Kb / 16P
VERTICAL DRIVER FOR CCD SENSOR
logo
Panasonic Semiconductor
MN3114 PANASONIC-MN3114 Datasheet
84Kb / 12P
Vertical Driver (8 channels) for CCD Area Image Sensors
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
VERTICAL DRIVER FOR CCD
logo
Sharp Corporation
LR36683N SHARP-LR36683N Datasheet
84Kb / 4P
Vertical Driver LSI for CCD
LR36685 SHARP-LR36685 Datasheet
63Kb / 8P
Vertical Driver IC for CCD Area Sensors
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Analog Devices
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
Vertical Driver for CCD Cameras
REV. 0
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
Vertical Clock Driver for CCD
August, 2013
logo
Renesas Technology Corp
UPD16510A RENESAS-UPD16510A Datasheet
318Kb / 15P
VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com