Electronic Components Datasheet Search
  English  ▼

X  

UPD16520 Datasheet(PDF) 13 Page - NEC

Part # UPD16520
Description  VERTICAL DRIVER FOR CCD SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16520 Datasheet(HTML) 13 Page - NEC

Back Button UPD16520 Datasheet HTML 8Page - NEC UPD16520 Datasheet HTML 9Page - NEC UPD16520 Datasheet HTML 10Page - NEC UPD16520 Datasheet HTML 11Page - NEC UPD16520 Datasheet HTML 12Page - NEC UPD16520 Datasheet HTML 13Page - NEC UPD16520 Datasheet HTML 14Page - NEC UPD16520 Datasheet HTML 15Page - NEC UPD16520 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
µµµµPD16520
Data Sheet S14201EJ1V0DS00
5. PACKAGE DRAWING
P38GS-65-BGG
38-PIN PLASTIC SSOP (300 mil)
ITEM
MILLIMETERS
A
B
C
D
E
F
M
12.7
±0.3
0.65 (T.P.)
1.675
±0.125
0.10
0.65 MAX.
0.37
0.125
±0.075
P3
°
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
N
0.10
H
5.6
±0.2
7.7
±0.2
I
1.55
G
J
1.05
±0.2
K
0.2
L
0.6
±0.2
+0.05
−0.1
+0.1
−0.05
+7°
−3°
38
20
119
S
S
A
F
G
E
C
D
N
P
L
J
H
I
K
B
detail of lead end
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com