Electronic Components Datasheet Search
  English  ▼

X  

UPD7229 Datasheet(PDF) 6 Page - NEC

Part # UPD7229
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7229 Datasheet(HTML) 6 Page - NEC

Back Button UPD7229 Datasheet HTML 2Page - NEC UPD7229 Datasheet HTML 3Page - NEC UPD7229 Datasheet HTML 4Page - NEC UPD7229 Datasheet HTML 5Page - NEC UPD7229 Datasheet HTML 6Page - NEC UPD7229 Datasheet HTML 7Page - NEC UPD7229 Datasheet HTML 8Page - NEC UPD7229 Datasheet HTML 9Page - NEC UPD7229 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Data Sheet S10299EJ4V0DS00
6
µµµµ PD16434
1. PIN FUNCTIONS
1.1 D0 to D3 (Data Bus) … 3-state input/output
In the parallel interface mode, these pins serve as 4-bit parallel data input/output pins.
Data on the D0 to D3 lines is read at the /STB signal rising edge. The 4-bit data, read at the first rising edge of the
/STB, is loaded into the upper 4 bits of the serial/parallel register, and the data read at the second rising edge is loaded
into the lower 4 bits of the register.
The serial/parallel register contents are output to the D0 to D3 pins in synchronization with the /STB signal falling
edge. In the same manner as read operation, the upper 4 bits of the serial/parallel register are output in the first /STB
signal falling edge, and the lower 4bits are output in the second /STB falling edge.
In the serial interface mode, the D0 serves as the serial data input pin (SI), and the D3 pin serves as the serial
data output pin (SO).
The D1 pin serves as the parallel/serial interface mode selection pin (P, /S), and the D2 pin serves as the chip
address enable pin (CAE).
1.2 SI (Serial Data In) … Also serves as D0 input
This pin serves as the serial data input pin in the serial interface mode. Data on the SI line is loaded into the
serial/parallel register at the /SCK rising edge. The first data becomes the MSB. This is a Schmitt trigger input with
hysteresis, in order to prevent erroneous operation caused by noise.
1.3 SO (Serial Data Out) … Also serves as D3 output
This pin serves as the serial data output pin in the serial interface mode. The serial/parallel register contents are
output to the SO pin with the MSB first in synchronization with the /SCK pin falling edge.
1.4 P, /S (Parallel/Serial Select) … Also serves as D1 input
This pin is sampled at the RESET signal falling edge (when the reset is released). If this pin is high, the parallel
interface mode is set. If it is low, the serial interface mode is set. This is a Schmitt trigger input with hysteresis in
order to prevent erroneous operation caused by noise.
1.5 CAE (Chip Address Enable) … Also serves as D2 input
The CAE input has a meaning, if P, /S input is low (when the serial interface mode is specified) at the RESET
signal falling edge (when reset is released). If the CAE signal is high at this timing, the chip address function is enabled.
If the CAE signal is low, the chip address function is disabled. This is a Schmitt trigger input with
hysteresis in order to prevent erroneous operation caused by noise.
1.6 CA0, CA1 (Chip Address) … Input
This is the input pin used to allocate the inherent address to select each
µ PD16434 chip, when interfacing with
the CPU in a multi-chip configuration. In the parallel interface mode, CA0 and CA1 inputs are compared with the
chip address information sent from the CPU, regardless of the CAE input. In the serial interface mode, these inputs are
compared with the chip address information sent from the CPU, when the chip address selection function is enabled by
the CAE input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com