Electronic Components Datasheet Search
  English  ▼

X  

UPD7229 Datasheet(PDF) 9 Page - NEC

Part # UPD7229
Description  1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7229 Datasheet(HTML) 9 Page - NEC

Back Button UPD7229 Datasheet HTML 5Page - NEC UPD7229 Datasheet HTML 6Page - NEC UPD7229 Datasheet HTML 7Page - NEC UPD7229 Datasheet HTML 8Page - NEC UPD7229 Datasheet HTML 9Page - NEC UPD7229 Datasheet HTML 10Page - NEC UPD7229 Datasheet HTML 11Page - NEC UPD7229 Datasheet HTML 12Page - NEC UPD7229 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet S10299EJ4V0DS00
9
µµµµ PD16434
1.12 C0 to C41 (Column) … Output
These pins serve as LCD column drive signal output pins.
1.13 R8/C49 to R15/C42 (Row/Column) … Output
These pins serve as LCD row drive signals R8 to R15 or column drive signals C49 to C42 output pins. Whether or
not these pins are used as row or column pins is specified by the SMM command.
1.14 R0/R8 to R7/R15 (Row) … Output
These pins serve as LCD row drive signals R0 to R7 or R8 to R15. Whether or not these pins are used as R0 to
R7 or R8 to R15 is specified by the SMM command.
1.15 VLC1 to VLC5 (LCD Drive Voltage Supply) … Input
These pins input the reference voltage for determining the LCD row/column drive signal voltage level.
1.16 CLOCK (Clock) … Input
This pin inputs the external clock.
1.17 RESET (Reset) … Input
This is the high active reset signal input pin. The reset operation has priority over all other operations.
This input is also used for cleaning the standby mode or operation to retain data in the data memory at a low
power supply voltage.
1.18 VDD
Positive voltage power supply pin.
1.19 VSS
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com