Electronic Components Datasheet Search
  English  ▼

X  

UPD16647 Datasheet(PDF) 1 Page - NEC

Part # UPD16647
Description  402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16647 Datasheet(HTML) 1 Page - NEC

  UPD16647 Datasheet HTML 1Page - NEC UPD16647 Datasheet HTML 2Page - NEC UPD16647 Datasheet HTML 3Page - NEC UPD16647 Datasheet HTML 4Page - NEC UPD16647 Datasheet HTML 5Page - NEC UPD16647 Datasheet HTML 6Page - NEC UPD16647 Datasheet HTML 7Page - NEC UPD16647 Datasheet HTML 8Page - NEC UPD16647 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998
MOS INTEGRATED CIRCUIT
µµµµ PD16647
402/384-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
DATA SHEET
The mark
•
•
•
• shows major revised points.
Document No. S13607EJ2V0DS00 (2nd edition)
Date Published August 1999 NS CP (K)
Printed in Japan
DESCRIPTION
The
µ PD16647 is a source driver for TFT-LCD 64 gray scale displays. Its logic circuit operates at 3.3 V and the
driver circuit operates at 5.0 V. The input data is digital data at 6 bits x 3 dots, and 260,000 colors can be displayed
in 64-value outputs
γ -corrected by the internal D/A converter and 10 external power supplies. The clock frequency is
50 MHz MIN.
µ PD16647 can be used in TFT-LCD panels conforming to the SVGA standards.
FEATURES
• CMOS level input
• 402/384 outputs
• 6 bits (gray scale data) x 3 dots input
• 64-value output by 10 external power supplies and internal D/A converter
• Output dynamic range : VSS2 + 0.1 V to VDD2 − 0.1 V
• High-speed data transfer: fMAX =50 MHz MIN.(internal data transfer rate at supply voltage VDD1 of logic circuit =3.0 V)
• Level of
γ -corrected power supply can be inverted
• Input data inversion function (INV)
• Precharge-less output buffer
• Logic supply voltage (VDD1) : 3.3 V ± 0.3 V
• Driver supply voltage (VDD2) : 5.0 V ± 0.5 V
• Slim TCP
ORDERING INFORMATION
Part Number
Package
µ PD16647N-xxx
TCP (TAB package)
Remark
The TCP package is a custom-ordered item. Users are requested to consult with an NEC sales
representative.


Similar Part No. - UPD16647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16647 RENESAS-UPD16647 Datasheet
240Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16647N-XXX RENESAS-UPD16647N-XXX Datasheet
240Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16647

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com