Electronic Components Datasheet Search
  English  ▼

X  

UPD16647 Datasheet(PDF) 13 Page - NEC

Part # UPD16647
Description  402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16647 Datasheet(HTML) 13 Page - NEC

Back Button UPD16647 Datasheet HTML 8Page - NEC UPD16647 Datasheet HTML 9Page - NEC UPD16647 Datasheet HTML 10Page - NEC UPD16647 Datasheet HTML 11Page - NEC UPD16647 Datasheet HTML 12Page - NEC UPD16647 Datasheet HTML 13Page - NEC UPD16647 Datasheet HTML 14Page - NEC UPD16647 Datasheet HTML 15Page - NEC UPD16647 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
tSETUP2
Dn0 to Dn5
VOUT
CLK
STHR
(1st Dr.)
STHL
(1st Dr.)
STB
tHOLD1
tSETUP1
tPLH1
tSETUP3
tr
90%
10%
tINV
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
tHOLD2
PWCLK(L)
PWCLK
tSPL
tf
1
D1 to D3
D1 to D3
D4 to D6
D397 to
D399
D400 to
D402
D403 to
D405
D2395 to
D2397
D2398 to
D2400
D4 to D6
800
801
2
135
136
3
12
134
INVALID
INVALID
PWCLK(H)
tSPR
tLDT
Hi-Z
tPLH31/32
Target Voltage ± 0.1 VDD2
6-bit accuracy
tPLH21/22
tPHL31/32
tPHL21/22
799
D2392 to
D2394
tPHL1
INV
tSETUP4
VDD1
VSS1
INVALID
INVALID
tHOLD4
tSTB-CLK
tCLK-STB
PWSTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com