Electronic Components Datasheet Search
  English  ▼

X  

IRFBC30S Datasheet(PDF) 6 Page - International Rectifier

Part # IRFBC30S
Description  Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30S Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFBC30S Datasheet HTML 2Page - International Rectifier IRFBC30S Datasheet HTML 3Page - International Rectifier IRFBC30S Datasheet HTML 4Page - International Rectifier IRFBC30S Datasheet HTML 5Page - International Rectifier IRFBC30S Datasheet HTML 6Page - International Rectifier IRFBC30S Datasheet HTML 7Page - International Rectifier IRFBC30S Datasheet HTML 8Page - International Rectifier IRFBC30S Datasheet HTML 9Page - International Rectifier IRFBC30S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFBC30S/L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com