Electronic Components Datasheet Search
  English  ▼

X  

IRFBC30S Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBC30S
Description  Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC30S Datasheet(HTML) 1 Page - International Rectifier

  IRFBC30S Datasheet HTML 1Page - International Rectifier IRFBC30S Datasheet HTML 2Page - International Rectifier IRFBC30S Datasheet HTML 3Page - International Rectifier IRFBC30S Datasheet HTML 4Page - International Rectifier IRFBC30S Datasheet HTML 5Page - International Rectifier IRFBC30S Datasheet HTML 6Page - International Rectifier IRFBC30S Datasheet HTML 7Page - International Rectifier IRFBC30S Datasheet HTML 8Page - International Rectifier IRFBC30S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFBC30S/L
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1015
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.7
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
…
3.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
…
2.3
A
IDM
Pulsed Drain Current
…
14
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
290
mJ
IAR
Avalanche Current

3.6
A
EAR
Repetitive Avalanche Energy

7.4
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
3.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
VDSS = 600V
RDS(on) = 2.2Ω
ID = 3.6A
2
D
P a k
T O - 262
S
D
G
7/22/97
l Surface Mount (IRFBC30S)
l Low-profile through-hole (IRFBC30L)
l Available in Tape & Reel (IRFBC30S)
l Dynamic dv/dt Rating
l 150°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Third generation HEXFETs from international Rectifier provide the designer with the
best combination of fast switching, ruggedized device design, low on-resistance and
cost-effectiveness.
The D2Pak is a surface mount power package capable ofthe accommodatingdie sizes
up to HEX-4. It provides the highest power capability and the lowest possible on-
resistance in any existing surface mount package. The D2Pak is suitable for high
current applications because of its low internal connection resistance and can
dissipate up to 2.0W in a typical surface mount application. The through-hole version
(IRFBC30L) is available for low-profile applications.
Description


Similar Part No. - IRFBC30S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC30S VISHAY-IRFBC30S Datasheet
961Kb / 8P
Power MOSFET
10-Jun-08
IRFBC30S VISHAY-IRFBC30S Datasheet
310Kb / 11P
Power MOSFET
20-Sep-2021
IRFBC30SPBF VISHAY-IRFBC30SPBF Datasheet
961Kb / 8P
Power MOSFET
10-Jun-08
IRFBC30STRLPBF VISHAY-IRFBC30STRLPBF Datasheet
961Kb / 8P
Power MOSFET
10-Jun-08
IRFBC30S VISHAY-IRFBC30S_V01 Datasheet
310Kb / 11P
Power MOSFET
20-Sep-2021
More results

Similar Description - IRFBC30S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC30 IRF-IRFPC30 Datasheet
167Kb / 6P
Power MOSFET(Vdsss=600V, Rds(on)=2.2ohm, Id=4.3A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com