Electronic Components Datasheet Search
  English  ▼

X  

UPD16655N Datasheet(PDF) 8 Page - NEC

Part # UPD16655N
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16655N Datasheet(HTML) 8 Page - NEC

Back Button UPD16655N Datasheet HTML 4Page - NEC UPD16655N Datasheet HTML 5Page - NEC UPD16655N Datasheet HTML 6Page - NEC UPD16655N Datasheet HTML 7Page - NEC UPD16655N Datasheet HTML 8Page - NEC UPD16655N Datasheet HTML 9Page - NEC UPD16655N Datasheet HTML 10Page - NEC UPD16655N Datasheet HTML 11Page - NEC UPD16655N Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet S11950EJ2V0DS00
8
µµµµ PD16655
SWICHING CHARACTERISTICS (TA = –30 to +85 °C, VDD1 = VDD2 = 22 V, VEE1 = VEE2 = –9 V, VSS = 0 V,
VCC = 2.7 V to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
tPHL1
600
ns
Cascade Output Delay Time
tPLH1
CL = 20 pF
600
ns
tPHL2
700
ns
tPLH2
CL = 220 pF
CLK
→ Xon
700
ns
td1
700
ns
Driver Output Delay Time
td2
CL = 220 pF, OE: L
→ H
CL = 220 pF, OE: H
→ L
700
ns
Output Rise Time
tTLH
CL = 220 pF
300
ns
tTHL1
CL = 220 pF
300
ns
Output Fall Time
tTHL2
CL = 220 pF, VEE2 = VDD – 15 V
400
ns
Input Capacitance
CI
TA = 25°C
15
pF
Clock Frequency
fCLK
In cascade connection
100
kHz
TIMING REQUIREMENTS (TA = –30 to 85 °C, VDD1 = VDD2 = 22 V, VEE1 = VEE2 = –9 V, VSS = 0 V,
VCC = 2.7 V to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
1000
ns
Data Setup Time
tsetup
STVR(STVL)
↑ → CLK ↑
100
ns
Data Hold Time
thold
CLK
↑ → STVR(STVL) ↓
100
ns
Caution
Keep the time and fall time of the logic input to tr = tf = 20 ns (10 to 90 % of the rated values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com