Electronic Components Datasheet Search
  English  ▼

X  

UPD16655N Datasheet(PDF) 1 Page - NEC

Part # UPD16655N
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16655N Datasheet(HTML) 1 Page - NEC

  UPD16655N Datasheet HTML 1Page - NEC UPD16655N Datasheet HTML 2Page - NEC UPD16655N Datasheet HTML 3Page - NEC UPD16655N Datasheet HTML 4Page - NEC UPD16655N Datasheet HTML 5Page - NEC UPD16655N Datasheet HTML 6Page - NEC UPD16655N Datasheet HTML 7Page - NEC UPD16655N Datasheet HTML 8Page - NEC UPD16655N Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµ PD16655
240-OUTPUT TFT-LCD GATE DRIVER
1998
©
Document No. S11950EJ2V0DS00 (2nd edition)
Date Published February 1999 NS CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
The
µ PD16655 is a TFT-LCD gate driver equipped with 240-output lines. It can output a high-gate scanning
voltage in response to 5 V/3.3 V CMOS level input because it provided with a level-shift circuit as a logic-input circuit.
This gate driver is also provided with an output enable (OE) function, so that drivers can be installed at both sides.
FEATURES
•
High-output voltage (VDD-VEE = amplitude: 31 V MAX.)
•
Shift-direction select function
•
Level shift of negative voltage VEE2(level shift range: VDD-VEE2 = 15 V)
•
5 V/3.3 V CMOS level interface
•
Output enable function
•
As many as 240-output lines
•
Slim TCP
ORDERING INFORMATION
Part Number
Package
µ PD16655N-xxx
TCP(TAB package)
Remark The TCP’s external shape is custom model. To order your TCP’s external shape, please contact a NEC
salesperson.


Similar Part No. - UPD16655N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16655N-XXX RENESAS-UPD16655N-XXX Datasheet
201Kb / 14P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16655N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
240-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com