Electronic Components Datasheet Search
  English  ▼

X  

UPD16662 Datasheet(PDF) 1 Page - NEC

Part # UPD16662
Description  240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16662 Datasheet(HTML) 1 Page - NEC

  UPD16662 Datasheet HTML 1Page - NEC UPD16662 Datasheet HTML 2Page - NEC UPD16662 Datasheet HTML 3Page - NEC UPD16662 Datasheet HTML 4Page - NEC UPD16662 Datasheet HTML 5Page - NEC UPD16662 Datasheet HTML 6Page - NEC UPD16662 Datasheet HTML 7Page - NEC UPD16662 Datasheet HTML 8Page - NEC UPD16662 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
The information in this document is subject to change without notice.
©
1998
240 OUTPUT LCD COLUMN (SEGMENT) DRIVER WITH BUILT-IN RAM
MOS INTEGRATED CIRCUIT
µµµµPD16662
DATA SHEET
Document No. S12738EJ3V0DS00 (3rd edition)
Date Published November 1998 NS CP (K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
The
µPD16662 is a column (segment) driver which contains a RAM capable of full dot LCD drive.
With 240 outputs, this driver has a display RAM of 240 x 160 x 2 bits built in, and 4 gray scales of display are
possible. Any 4 gray scales can be selected from 25 levels of the gray scale pallet. The driver can be combined
with the
µPD16667 to display from 240 x 160 dots to 480 x 320 dots.
Features
• Display RAM incorporated: 240 x 160 x 2 bits
• Logic voltage: 3.0V to 3.6V
• Duty: 1/160
• Output count: 240 outputs
• Capable of gray scale display: 4 gray scales (can be selected from 25 levels of the gray scale pallet)
• Memory management: packed pixel system
• 8/16-bit data base
Ordering Information
Part number
Package
µPD16662N -×××
TCP(TAB)
µPD16662N - 051
Standard TCP (OLB: 0.2 mm pitch; folding)
The TCP’s external shape is custom-ordered. Therefore, if you have a shape in mind, please contact an NEC
salesperson.
•


Similar Part No. - UPD16662

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Renesas Technology Corp
UPD16661A RENESAS-UPD16661A Datasheet
368Kb / 38P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16661AN NEC-UPD16661AN Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16661AN-051 NEC-UPD16661AN-051 Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Renesas Technology Corp
UPD16661AN-051 RENESAS-UPD16661AN-051 Datasheet
368Kb / 38P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16662

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
240 Output LCD Segment/Common Driver
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com