Electronic Components Datasheet Search
  English  ▼

X  

UPD16662 Datasheet(PDF) 21 Page - NEC

Part # UPD16662
Description  240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16662 Datasheet(HTML) 21 Page - NEC

Back Button UPD16662 Datasheet HTML 17Page - NEC UPD16662 Datasheet HTML 18Page - NEC UPD16662 Datasheet HTML 19Page - NEC UPD16662 Datasheet HTML 20Page - NEC UPD16662 Datasheet HTML 21Page - NEC UPD16662 Datasheet HTML 22Page - NEC UPD16662 Datasheet HTML 23Page - NEC UPD16662 Datasheet HTML 24Page - NEC UPD16662 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
µµµµPD16662
Electrical specifications
1. Absolute Maximum Ratings (TA = +25
°°°°C)
Parameter
Symbol
Rating
Unit
Notes
Supply voltage (1)
VCC1
−0.5 to +6.5
V
1
Supply voltage (2)
VCC2
−0.5 to +4.5
V
2
Input/Output voltage (1)
VI/O1
−0.5 to VCC1 +0.5
V
1
Input/Output voltage (2)
VI/O2
−0.5 to VCC2 +0.5
V
2
Input/Output voltage (3)
VI/O3
−0.5 to VCC1 +0.5
V
3, 4
Operating temperature
TA
−20 to +70
°C
Storage temperature
Tstg.
−40 to +125
°C
Notes 1. 5 V power signal (/FRM, STB, /DOUT, L1, L2, PULSE)
2. 3.3 V power signal (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET,
OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH)
3. Liquid-crystal drive powers (V0, V1, V2, Y1 to Y240)
4. V0 < V1 < V2
2. Recommended Operating Range (TA = 20 to +70 C, VO = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Notes
Supply voltage (1)
VCC1
4.5
5.0
5.5
V
Supply voltage (2)
VCC2
3.0
3.3
3.6
V
Input voltage (1)
VI1
0VCC1
V1
Input voltage (2)
VI2
0VCC2
V2
V1 Input voltage
V1
V0
V2
V
V2 Input voltage
V2
V1
VCC1
V
External resistance for OSC
ROSC
30
62
90
k
Ω
Notes 1. 5 V power signal (/FRM, STB, L1, L2, PULSE)
2. 3.3 V power signal (MS, DIR, PL0 to PL1, A0 to A16, /CS, /OE, /WE, /UBE, RDY, D0 to D15, /RESET,
OSC1, OSC2, /DOFF, TEST, BMODE, /REFRH)
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com