Electronic Components Datasheet Search
  English  ▼

X  

U360412 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U360412
Description  6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U360412 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U360412 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U360412 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB
3.0, 4x USB 2.0, 1 charging port
MODEL NUMBER: U360-412
Description
Tripp Lite's U360-412 USB 3.0 Charging Hub plugs into a computer's USB 3.0 port and provides two USB 3.0
SuperSpeed peripheral ports, four USB 2.0 High-Speed peripheral ports, and one charging port for charging
tablets such as an iPad. Two of the USB 2.0 ports have convenient top plugging, for thumb drive access. Dedicated 2AMP charging port supplies the extra
amperage needed to charge tablets, which most USB hubs do not include. Plug-and-Play... no software or drivers required. Automatically switches to the
highest speed supported by the peripheral. Windows (compatible with Windows 8) and Mac compatible.
Features
USB 3.0 ports support 5Gbps transfer speeds when plugged into a USB 3.0 computer and peripheral
USB 2.0 ports support High-Speed 480Mbps speeds
Charging port provides 5V,2A for tablet ( iPad ) full battery charging
USB 3.0 ports support up to 900mA per port
USB 2.0 ports support up to 500mA per port
The included external power supply provides 4A of power, to be shared between the hub ports (up to 2A for iPad charging port, up to 900mA per USB 3.0
port, up to 500mA per USB 2.0 port)
Top mount ports for Thumb Drive connections
Plug-and-Play
No software or drivers required
Windows (compatible with Windows 8) and Mac compatible
Overcurrent protection
LED power indicator light
Specifications
OVERVIEW
Highlights
USB 3.0 Hub with two USB 3.0
SuperSpeed ports and four USB
2.0 High-Speed ports
One dedicated port for Tablet
charging ( 5V, 2A )
USB 3.0 ports support up to
900mA per port
USB 2.0 ports support up to
500mA per port
Plug-and-Play - no software or
drivers required
System Requirements
USB 3.0 or 2.0 computer
USB 3.0 or 2.0 peripherals
Package Includes
USB 7-port Hub
USB 3.0 A-B cable, 3ft
Power Adapter, 5V/4A
1 / 2


Similar Part No. - U360412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U360 ETC2-U360 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U360 ETC2-U360 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Tripp Lite. All Rights ...
U360-003-KM TRIPPLITE-U360-003-KM Datasheet
483Kb / 2P
3-Port Portable USB 3.0 SuperSpeed Hub with Keyboard/Mouse Sharing and File Transfer
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
More results

Similar Description - U360412

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
Fitipower Integrated Te...
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
U360-010C-2X3 TRIPPLITE-U360-010C-2X3 Datasheet
165Kb / 3P
10-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 8 USB 2.0 Ports
logo
Advantech Co., Ltd.
USH304 ADVANTECH-USH304 Datasheet
320Kb / 1P
4-port isolated USB 3.0 SuperSpeed Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com