Electronic Components Datasheet Search
  English  ▼

X  

U360412 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U360412
Description  6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U360412 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U360412 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U360412 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Chromebook Compatible
Yes
AC Adapter
Input 100-240Vac, 50/60Hz, 0.8A Output: +5V, 4A
Model Type
Hubs
OUTPUT
Charging Ports / Amps
(1) 2A
USB Charging
Yes
PHYSICAL
Unit Dimensions (hwd / in.)
1 x 4 x 2.25
Unit Dimensions (hwd / cm)
2.54 x 10.16 x 5.72
Color
Black
CONNECTIONS
Connector A
USB A (FEMALE) (X2)
Connector B
USB A (FEMALE) (X4)
Ports
6
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com