Electronic Components Datasheet Search
  English  ▼

X  

IRFIB5N65 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFIB5N65
Description  Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N65 Datasheet(HTML) 8 Page - International Rectifier

  IRFIB5N65 Datasheet HTML 1Page - International Rectifier IRFIB5N65 Datasheet HTML 2Page - International Rectifier IRFIB5N65 Datasheet HTML 3Page - International Rectifier IRFIB5N65 Datasheet HTML 4Page - International Rectifier IRFIB5N65 Datasheet HTML 5Page - International Rectifier IRFIB5N65 Datasheet HTML 6Page - International Rectifier IRFIB5N65 Datasheet HTML 7Page - International Rectifier IRFIB5N65 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFIB5N65A
8
www.irf.com
TO-220 Full-Pak Part Marking Information
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
N O T ES:
1 DIM E N S IO NIN G & T O L E RA NCING
P E R A N S I Y 14.5 M , 1 9 82
2 CO NT RO LL IN G DIM E NS IO N : IN C H .
D
C
A
B
M IN IM U M C R EEPA G E
DIS T A NCE B E T W E E N
A -B -C -D = 4 .80 (.1 89)
3X
2 .85 ( .11 2)
2 .65 ( .10 4)
2.8 0 ( .11 0)
2.6 0 ( .10 2)
4.8 0 ( .189 )
4.6 0 ( .181 )
7.1 0 ( .28 0)
6.7 0 ( .26 3)
3 .40 (.13 3)
3 .10 (.12 3)
ø
- A -
3 .70 (.14 5)
3 .20 (.12 6)
1.1 5 ( .04 5)
M IN .
3.30 (.1 30 )
3.10 (.1 22 )
- B -
0.9 0 ( .0 35)
0.7 0 ( .0 28)
3X
0.2 5 ( .01 0)
M
A M
B
2.54 (.100)
2X
3X
1 3.7 0 ( .54 0)
1 3.5 0 ( .53 0)
1 6.0 0 ( .63 0)
1 5.8 0 ( .62 2)
1
2
3
10.60 (.417)
10.40 (.409)
1.40 (.05 5)
1.05 (.04 2)
0. 48 ( .01 9)
0. 44 ( .01 7)
P A R T N U MBER
IN T E RN A TIO NA L
R E C T IF IE R
L O G O
DA T E CO DE
(Y Y W W )
Y Y = Y EAR
W W = W EEK
ASSE M B L Y
L O T
C O D E
E 401 9245
IR F I840G
E X A M P LE : TH IS IS A N IR F I8 40 G
W IT H A SSEMBL Y
L O T C O D E E 40 1
A
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
ƒ I
SD ≤ 5.2A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting T
J = 25°C, L = 24mH
RG = 25Ω, IAS = 5.2A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† t=60s, f=60Hz
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 6/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com