Electronic Components Datasheet Search
  English  ▼

X  

IRFIB5N65 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIB5N65
Description  Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=5.1A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N65 Datasheet(HTML) 1 Page - International Rectifier

  IRFIB5N65 Datasheet HTML 1Page - International Rectifier IRFIB5N65 Datasheet HTML 2Page - International Rectifier IRFIB5N65 Datasheet HTML 3Page - International Rectifier IRFIB5N65 Datasheet HTML 4Page - International Rectifier IRFIB5N65 Datasheet HTML 5Page - International Rectifier IRFIB5N65 Datasheet HTML 6Page - International Rectifier IRFIB5N65 Datasheet HTML 7Page - International Rectifier IRFIB5N65 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
IRFIB5N65A
www.irf.com
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l High Voltage Isolation = 2.5KVRMS
†
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
RDS(on) max
ID
650V
0.93
Ω
5.1A
Typical SMPS Topologies
l Single Transistor Flyback
Notes
 through †are on page 8
l Single Transistor Forward
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
5.1
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.2
A
IDM
Pulsed Drain Current

21
PD @TC = 25°C
Power Dissipation
60
W
Linear Derating Factor
0.48
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.8
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
6/21/00
S
D
G
TO-220 Full-Pak
PD-91816B


Similar Part No. - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
150Kb / 8P
Power MOSFET
13-Apr-09
logo
Inchange Semiconductor ...
IRFIB5N65A ISC-IRFIB5N65A Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFIB5N65APBF IRF-IRFIB5N65APBF Datasheet
218Kb / 8P
SMPS MOSFET
logo
Vishay Siliconix
IRFIB5N65A VISHAY-IRFIB5N65A_V01 Datasheet
198Kb / 10P
Power MOSFET
11-Oct-2021
More results

Similar Description - IRFIB5N65

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFB9N65A IRF-IRFB9N65A Datasheet
102Kb / 8P
Power MOSFET(Vdss=650V, Rds(on)max=0.93ohm, Id=8.5A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com