Electronic Components Datasheet Search
  English  ▼

X  

RK115 Datasheet(PDF) 1 Page - TEMEX

Part # RK115
Description  For this product, a full detailed specification can also be delivered on request
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK115 Datasheet(HTML) 1 Page - TEMEX

  RK115 Datasheet HTML 1Page - TEMEX RK115 Datasheet HTML 2Page - TEMEX RK115 Datasheet HTML 3Page - TEMEX RK115 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Space Crystal Oscillator
RK 115
According to MIL Level S
May 6th, 2014
Specifications subject to change without notice
Shortform, 51001204.110, Issue A1
1 / 4
www.rakon.com
For this product, a full detailed specification can also be delivered on request.
Specific request can be addressed to RAKON info@rakon.fr
Product Description
This MIL-PRF-55310 level Space XO is designed for space applications and is based on hybrid
technology.
The reference is resistant to shock and vibration environment.
Key advantages of this frequency source are low power consumption, its availability in different packages (J-lead,
Flat Pack, DIL), its short lead time and its high resistance to heavy ions.
The availability of the enhanced J-lead package (2
nd generation of J-lead package) makes its report easier.
This XO is manufactured in accordance with MIL-PRF-55310 (Class 2, type 1, level S).
Features
ITAR-free
Frequency Range: 10 kHz to 100 MHz
AHCMOS output and ACMOS (above 80MHz only)
Low consumption: 25 mA
Supply Voltage: +3.3V or +5V
Overall Frequency Stability over 18 years: ± 68ppm
Manufacturing in accordance with:
o
MIL-PRF-55310 (Class 2, type 1, level S)
o
MIL-PRF-38534
Applications
Digital cards
FPGA clock
Specifications
1. Environmental conditions
Parameter
Conditions/remarks
Min
Nom
Max
Unit
Option A
-30
25
105
°C
Option B
-55
25
125
°C
Switch-on Temperature
TSo
-55
125
°C
Non-Operating
Temperature
TNOp
-55
125
°C
Random Vibration
Shocks
Acceleration
Radiation
Operating Temperature
Level as per MIL-STD-202, Method 214, Condition I-K (46,3 Grms)
Mechanical shock as per MIL-STD-202, Method 213 (half sine with a peak
acceleration of 3 000g for duration of 0.3 msec)
Acceleration as per MIL-STD-883, Method 2001, condition B (10 000g)
Total Ionizing Dose of 100 kRad, low dose rate as per ESCC22900
Latchup free up to LET = 100 MeV/mg/cm² with TILT of 53°
Latchup free up to LET = 60 MeV/mg/cm² with TILT of 0°


Similar Part No. - RK115

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RK115 RAKON-RK115 Datasheet
411Kb / 2P
HIGH RELIABILITY XO | SPACE SOLUTIONS
15 March 2024
RK115ACFP1C1EM24M RAKON-RK115ACFP1C1EM24M Datasheet
411Kb / 2P
HIGH RELIABILITY XO | SPACE SOLUTIONS
15 March 2024
RK115ACFP1C1EQM24M RAKON-RK115ACFP1C1EQM24M Datasheet
411Kb / 2P
HIGH RELIABILITY XO | SPACE SOLUTIONS
15 March 2024
RK115ACFP1C1FM24M RAKON-RK115ACFP1C1FM24M Datasheet
411Kb / 2P
HIGH RELIABILITY XO | SPACE SOLUTIONS
15 March 2024
RK115ACFP2C1EM24M RAKON-RK115ACFP2C1EM24M Datasheet
411Kb / 2P
HIGH RELIABILITY XO | SPACE SOLUTIONS
15 March 2024
More results

Similar Description - RK115

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK-408 TEMEX-RK-408 Datasheet
348Kb / 2P
For this product, full and detailed specifications can be delivered on request
RK-409 TEMEX-RK-409 Datasheet
589Kb / 7P
For this product, full and detailed specifications can be delivered on request
RK-410 TEMEX-RK-410 Datasheet
194Kb / 6P
For this product family, a full detailed specification can also be delivered on request
TE200 TEMEX-TE200 Datasheet
145Kb / 5P
For this product, full and detailed specifications can be delivered on request
TE300 TEMEX-TE300 Datasheet
225Kb / 5P
For this product, a full detailed specification can also be delivered on request
TE310 TEMEX-TE310 Datasheet
139Kb / 5P
For this product, full and detailed specifications can be delivered on request
TE400 TEMEX-TE400 Datasheet
172Kb / 5P
For this product, full detailed specifications can be delivered on request
logo
Analog Devices
OP470S_DIE AD-OP470S_DIE Datasheet
472Kb / 5P
This specification documents the detailed
Rev. H
OP484S_DIE AD-OP484S_DIE Datasheet
614Kb / 5P
This specification documents the detailed
Rev. G
REF01S_DIE AD-REF01S_DIE Datasheet
85Kb / 4P
This specification documents the detailed
Rev. F
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com